|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SEMICONDUCTOR TECHNICAL DATA LOW VOLTAGE HIGH SPEED SWITCHING. FEATURES Small Package : ESC. CATHODE MARK KDR367E SCHOTTKY BARRIER TYPE DIODE Low Forward Voltage : VF(2)=0.23V (Typ.) C 1 E 2 MAXIMUM RATING (Ta=25 CHARACTERISTIC Maximum (Peak) Reverse Voltage Reverse Voltage Maximum (Peak) Forward Current Average Forward Current Surge Current (10ms) Power Dissipation Junction Temperature Storage Temperature Range pad dimension of 4 4mm. ) SYMBOL VRM VR IFM IO IFSM PD Tj Tstg RATING 15 10 200 100 1 150* 125 -55 125 UNIT V V mA mA A mW D F B A 1. ANODE 2. CATHODE DIM A B C D E F MILLIMETERS _ 1.60 + 0.10 _ 1.20 + 0.10 _ 0.80 + 0.10 _ 0.30 + 0.05 _ 0.60 + 0.10 _ 0.13 + 0.05 ESC * : Mounted on a glass epoxy circuit board of 20 20mm, Marking Type Name US ELECTRICAL CHARACTERISTICS (Ta=25 CHARACTERISTIC VF(1) Forward Voltage VF(2) VF(3) Reverse Current Total Capacitance IR CT ) TEST CONDITION IF=1mA IF=5mA IF=100mA VR=10V VR=0V, f=1MHz MIN. TYP. 0.18 0.23 0.35 20 MAX. 0.30 0.50 20 40 A pF V UNIT SYMBOL 2003. 2. 25 Revision No : 1 1/2 KDR367E I F - VF 100m FORWARD CURRENT I F (A) REVERSE CURRENT I R (A) 1m I R - VR Ta=100 C 100 10 Ta=75 C Ta=50 C Ta=25 C 10m Ta = Ta 100 Ta =75 C = Ta 50 C C =2 5 C Ta =0 Ta C = -2 5C 1m 1 100n 10n Ta=0 C Ta=-25 C 100 10 0 0.1 0.2 0.3 0.4 0.5 0 2 4 6 8 10 FORWARD VOLTAGE VF (V) REVERSE VOLTAGE VR (V) C T - VR 40 POWER DISSIPATION P (mW) f=1MHz Ta=25 C P - Ta 240 200 160 120 80 40 0 Mounted on a glass epoxy circuit board of 20 20mm, pad dimension 4 4mm. CAPACITANCE CT (pF) 30 20 10 0 10m 30m 0.1 0.3 1 3 10 20 50 25 50 75 100 125 150 REVERSE VOLTAGE VR (R) AMBIENT TEMPERATURE Ta ( C) 2003. 2. 25 Revision No : 1 2/2 |
Price & Availability of KDR367E |